Part Number Hot Search : 
C9011A MUR410 CSD655 AM29F200 G910TD1B 8116S MMT4261 BU323A
Product Description
Full Text Search
 

To Download DDTC144EUA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA
DDTC (R1 = R2 SERIES) UA
Lead-free Green
NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Features
* * * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
G H K M BC A
SOT-323 Dim A B C D E G H J K L M
OUT 3
C B R1 R2
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
* * * * * * * * * *
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code, See Page 2 Ordering Information (See Page 2) Type Code: See Table Below Weight: 0.006 grams (approximate)
0.65 Nominal
J
D
E
L
a
All Dimensions in mm
IN
E
B
1
3
C OUT
P/N DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA
R1, R2 (NOM) Type Code 2.2KW 4.7KW 10KW 22KW 47KW 100KW N04 N08 N13 N17 N20 N24
1 IN
2 GND(0)
GND (0)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA All Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 100 20 100 200 625 -55 to +150 Unit V
Characteristic
VIN
2
E
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note: 1. 2. 3. 4.
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30321 Rev. 8 - 2
1 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) UA
a Diodes Incorporated
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit 3/4 V Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTC123EUA VO = 0.3V, IO = 20mA, DDTC143EUA VO = 0.3V, IO = 10mA, DDTC114EUA VO = 0.3V, IO = 5mA, DDTC124EUA VO = 0.3V, IO = 2mA, DDTC144EUA VO = 0.3V, IO = 1mA, DDTC115EUA IO/Il =10mA/0.5mA, DDTC123EUA IO/Il =10mA/0.5mA, DDTC143EUA IO/Il =10mA/0.5mA, DDTC114EUA IO/Il =10mA/0.5mA, DDTC124EUA IO/Il =10mA/0.5mA, DDTC144EUA IO/Il =5mA/0.25mA, DDTC115EUA
Input Voltage
Vl(on)
3/4
1.9
3
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA
Il
3/4
3/4
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA
VI = 5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device
(Note 4 & 5) Packaging SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
DDTC123EUA-7-F DDTC143EUA-7-F DDTC114EUA-7-F DDTC124EUA-7-F DDTC144EUA-7-F DDTC115EUA-7-F
Notes:
4. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3
NXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
2005 S Apr 4
YM
2006 T May 5
2007 U Jun 6 Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
DS30321 Rev. 8 - 2
2 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) U
TYPICAL CURVES - DDTC143EUA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
150
75 C -25 C 25 C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
5
f = 1MHz
100
75 C 25 C -25 C
COB, CAPACITANCE (pF)
4
hFE, DC CURRENT GAIN
3
2
10
1 0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75 C
VO = 0.2V
25C
Vin, INPUT VOLTAGE (V)
10
-25C
-25C 75 C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30321 Rev. 8 - 2
3 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) U
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30321 Rev. 8 - 2
4 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) U


▲Up To Search▲   

 
Price & Availability of DDTC144EUA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X